PART |
Description |
Maker |
MCM63P818 MCM63P736 MCM63P736TQ100 MCM63P736ZP133R |
Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:8-2 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 256K X 18 CACHE SRAM, 5 ns, PQFP100 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 4 ns, PBGA119 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 5 ns, PQFP100 Replaced by PTH12000W :
|
MOTOROLA INC NEC, Corp. Motorola Mobility Holdings, Inc. Motorola, Inc.
|
AT49F2048A AT49F2048A-70RC AT49F2048A-70RI AT49F20 |
2M bit, 5-Volt Read and 5-Volt Write Flash, Bottom Boot From old datasheet system 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO44 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO48
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
GS840E18AB-190 GS840E18AT-190I |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256K X 18 CACHE SRAM, 7.5 ns, PBGA119 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256K X 18 CACHE SRAM, 7.5 ns, PQFP100
|
GSI Technology, Inc.
|
LH532600 LH532600N LH532600D LH532600T LH532600TR |
CMOS 2M(256K X 8/128K X 16) Mask-Programmable ROM CMOS 2M (256K x 8/128K x 16) MROM
|
SHARP[Sharp Electrionic Components] Sharp Corporation
|
GS84032AB-180 GS84018AB-180 GS84036AB-180 GS84036A |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256 × 1828K的3228K的36 4Mb的同步突发静态存储器 256K x 18/ 128K x 32/ 128K x 36 4Mb Sync Burst SRAMs Time-Delay Relay; Contacts:SPST-NC; Time Range:0.1 - 60 sec.; Mounting Type:Panel; Timing Function:Delay-On-Break; Supply Voltage:12VDC; Time Range Max:60s; Time Range Min:0.1s
|
ETC Electronic Theatre Controls, Inc.
|
BR93L66RFVM-WTR CAT28C64BGI-12T CAT25C32Y14I CAT25 |
EEPROM SRL 256X16 BIT The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS EEPROM (4kx8) 32K 2.5-6.0 EEPROM (4kx8) 32K 1.8-6.0 EEPROM (1024x8) 8K EEPROM 256K X 8 200ns EEPROM I2C BUS; 4.5 to 5.5V 16Kbit; -40 to 85 C EEPROM (256x8) 2K 1.8-6.0 EEPROM (512x8) 4k 1.8-6.0 EEPROM 128K X 8 150ns EEPROM (8kx8) 64K 1.8-6.0 EEPROM (2048x8)(1024x16)16K EEPROM U 804-29EE0107CWH EEPROM 64K X 8 70ns EEPROM (256x8) 2K 2.5-6.0 EEPROM (8kx8) 64K 2.5-6.0 SPI Serial CMOS EEPROM (Motorola Compatible), 32K, 2-bit Block Protection, WPEN Bit, SOIC SPI Serial CMOS EEPROM (Motorola Compatible), 32K, 2-bit Block Protection, WPEN Bit, TSSOP EEPROM (384x8) 128k 16 EEPROM SPI 1KBIT EEPROM SPI 4096X8 BIT EEPROM SRL 64X16 BIT EEPROM (256x8) (128x16) 2K 8-Kb I<sup>2</sup>C CMOS Serial EEPROM, SOIC EEPROM (128x8) 1k 2.5-6.0 EEPROM (8kx8) 64K 5V 90ns EEPROM (32kx8) 256K 5V 150 EEPROM (32kx8) 256K 5V 120 EEPROM 2kb 1.7-5.5V Ind I2C EEPROM 512K-Bit CMOS PARA EEPROM EEPROM (32kx8) 256K 3V 250 EEPROM 64K X 8 512K 5V 150 EEPROM 256K (32KX8)
|
Omron Electronics, LLC Atmel, Corp. MITSUMI ELECTRIC CO., LTD. Intersil, Corp. Cypress Semiconductor, Corp. TE Connectivity, Ltd. Silicon Storage Technology, Inc. BCD Semiconductor Manufacturing, Ltd. Belden, Inc. Rohm Co., Ltd. Bourns, Inc. NXP Semiconductors N.V. Lattice Semiconductor, Corp. Rectron Semiconductor SIEMENS AG Maxim Integrated Products, Inc. Rochester Electronics, LLC RF Solutions, Ltd. Fujitsu, Ltd.
|
IS24L256-2PLI IS24L256-2PI IS24L256 IS24L256-2GI I |
128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
|
Integrated Silicon Solution, Inc
|
IDT71V25761 IDT71V25781 IDT71V25781S166PF IDT71V25 |
128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.5 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.1 ns, PQFP100 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.3 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.1 ns, PBGA119 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K的米656 × 18 3.3同步SRAM.5VI / O的流水线输出,脉冲计数器,单周期取消
|
Integrated Device Technology, Inc.
|
MCM63F737KZP8.5 MCM63F819KZP8.5 MCM63F737KZP8.5R M |
128K x 36 and 256K x 18 Bit Flow??hrough BurstRAM Synchronous Fast Static RAM 128K x 36 and 256K x 18 Bit Flow?Through BurstRAM Synchronous Fast Static RAM
|
Motorola, Inc
|
27C4100 27C4096 MX27C4096 MX27C4096PI-12 MX27C4096 |
(MX27C4100 / MX27C4096) 4M-BIT [512K x 8/256K x 16] CMOS EPROM 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 120 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 100 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 150 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 150 ns, PDSO40 Single Output LDO, 50mA, Fixed(3.0V), Low Quiescent Current, Thermal Protection 5-SOT-23 256K X 16 OTPROM, 100 ns, PDIP40
|
Macronix International Co., Ltd.
|
MX28F2100T 28F2100T |
2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY From old datasheet system
|
Macronix 旺宏
|
|